PART |
Description |
Maker |
R3005250L |
Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
MAX477 MAX477EPA MAX477ESA MAX477EUA MAX477EUK-T M |
300MHz High-Speed Op Amp
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
2SC4618 2SC5659 2SC2058S 2SC2413K 2SC4098 |
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
|
ROHM[Rohm]
|
EL5106 |
Single, 300MHz, Fixed Gain, High Speed Voltage Feedback Amplifier with Enable
|
Intersil
|
BAT54 BAT54A |
300MHz, Low-Power, High-Output Current, Differential Line Driver SURFACE MOUNT SCHOTTKY DIODE
|
Comchip Technology Co., Ltd.
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
ASMA203 |
26dBm, 50 Ohm Amplifier 1-300MHz
|
TriQuint Semiconductor
|
SP8401KGMPES SP8401 |
Very Low Phase Noise 300MHz ÷10/11 Very Low Phase Noise 300MHz 隆?10/11 Very Low Phase Noise 300MHz 10/11 Very Low Phase Noise 300MHz ±10/11
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
LT5575 LTC2150-14 LTC2151-14 LTC2152-14 LTC2155-14 |
300MHz Digital Predistortion Receiver
|
Linear Technology
|
MAX7036 |
300MHz to 450MHz ASK Receiver with Internal IF Filter
|
Maxim Integrated Products
|
EL5293 EL5293C EL5293CS EL5293CS-T13 EL5293CS-T7 |
Dual 300MHz Current Feedback Amplifier
|
ELANTEC[Elantec Semiconductor]
|
EL519307 EL5193A |
Single 300MHz Current Feedback Amplifier with Enable
|
Intersil Corporation
|